PART |
Description |
Maker |
PS7341-1A PS7341-1A-A PS7341L-1A-E3-A PS7341L-1A-E |
6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
NEC
|
BAR64-02L BAR64-02V BAR64-04T BAR64 BAR64-04 BAR64 |
PIN Diodes - RF Switch (High isolation) in ultra-small SC79 Package PIN Diodes - Diode for RX/TX Switches PIN Diodes - PIN Diode for RF switches (high isolation) RESISTOR; THK FILM CHIP, 500/200/500PPM/C UP TO 10/1M/10M CR1206 120 OHM Silicon PIN Diode 硅PIN二极
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
PS7341-1A-15 |
6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE
|
Renesas Electronics Corporation
|
PS7160L-2A-E4-A PS7160L-2A-E3 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
|
Renesas Electronics Corporation
|
LANK53.3W3H LANK243.3W3H LANK483.3W3H LANK512W3H L |
3000VDC I/O Isolation Single and Dual Output 3 Watt DC/DC Converter 24 Pin DIP & SMT Package 2:1 Wide Input Voltage Range
|
Wall Industries,Inc.
|
S2D00R S2D10R S2D1XR |
(S2D00R Series) 2 - 3 WATT HIGH / IN ISOLATION DIP DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
|
Total Power International
|
A211EHI A203EHI A212EHI A213EHI A200EHI A201EHI A2 |
Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
|
MicroPower Direct, LLC
|
PS7141L-1B-E3-A PS7141L-1B PS7141L-1B-A PS7141L-1B |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-CH, 2-CH OPTICAL COUPLED MOS FET
|
California Eastern Laboratories CEL[California Eastern Labs]
|
HCPL-7800AOPTION300 HCPL-7800BOPTION300 HCPL-7800A |
ISOLATION AMPLIFIER, 3750 V ISOLATION-MIN, 85 kHz BAND WIDTH, PDSO8 High CMR Isolation Amplifiers 高CMR隔离放大
|
Amphenol, Corp. Agilent Technologies, Inc. Avago Technologies, Ltd.
|
2CL73T |
High Voltage Fast Recovery Rectifier 12 kV Vol ts
|
MCC[Micro Commercial Components]
|
PS9611 PS9611L PS9611L-E3 PS9611L-E4 |
High speed Totem-Pole Output photocoupler(高速光光隔离器) Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:White/Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps / TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
PE-68023 PE-64103 PE-64502 PE-64503 PE-64104 PE-64 |
DATACOM TRANSFORMER FOR 10 BASE-T APPLICATION(S) DIP, ROHS COMPLIANT ISOLATION TRANSFORMERS FOR 10BASE-T ISOLATION TRANSFORMERSFOR 10BASE-T
|
Pulse Engineering, Inc. Pulse Electronics, Corp. Pulse A Technitrol Company Pulse A Technitrol Comp...
|